PART |
Description |
Maker |
TSA5526 TSA5526AM TSA5526AT TSA5526M TSA5526T TSA5 |
1.3 GHz universal bus-controlled TV synthesizers
|
Philips Semiconductors
|
ISP1110 |
The ISP1110 is a Universal Serial Bus (USB) transceiver that supports Universal Asynchronous Receive
|
Philips Semiconductors
|
UPD720200AF1-DAP-A |
The μPD720200A is the second generation Universal Serial Bus 3.0 host controller, which complies with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host controller interface
|
Renesas Electronics Corporation
|
TDA8822 TDA8822T |
Universal I 2 C-bus programmable Universal I2C-bus programmable
RF modulator
|
Philips
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IDT74ALVCH162334 |
3.3V CMOS 16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH32501BF IDT74ALVCH32501BF8 |
3.3V CMOS 36-Bit Universal Bus Transceiver with 3-State Outputs and Bus-Hold
|
IDT
|
IDT74ALVCH16903 |
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD 3.3V的CMOS 12位通用总线驱动器,带有奇偶校验器,双程三态输出和总线状态保
|
Integrated Device Technology, Inc.
|
IDT74ALVCH16901 IDT74ALVCH16901PA IDT74ALVCH16901P |
3.3V CMOS 18-Bit Universal Bus Transceiver with Parity Genrators/Checkers, Bus-Hold 3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS, BUS-HOLD 3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS AND BUS-HOLD 3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
74LCX16500 74LCX16500MTD 74LCX16500G 74LCX16500MEA |
BUS TRANSCEIVER|SINGLE|18-BIT|LCX-CMOS|SSOP|56PIN|PLASTIC Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TSA5515T_CNV_2 TSA5515T TSA5515 |
C-bus controlled synthesizer 1.3 GHz bi-directional I 2 C-bus From old datasheet system
|
Philips
|